PART |
Description |
Maker |
BCY72 BCY70 BCY71 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% PNP SILICON TRANSISTORS PNP SILICON PLANAR EPITAXIAL TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
MJE2955T03 MJE34003 MJE52103 MJE585203 MJE80203 MR |
COMPLEMENTARY SILICON POWER TRANSISTORS COMPLEMETARY SILICON POWER TRANSISTORS SILICON NPN TRANSISTOR HIGH VOLTAGE PNP POWER TRANSISTOR SILICON NPN POWER DARLINGTON TRANSISTOR RF Power Field Effect Transistors 880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs RF LDMOS Wideband Integrated Power Amplifiers GENERAL PURPOSE L TO X-BAND GaAs MESFET 10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FREESCALE NEC STMICROELECTRONICS[STMicroelectronics]
|
2SB1201 2SD1801 0738 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications From old datasheet system PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SB1507 2SD2280 |
PNP Epitaxial Planar Silicon Transistors 50V/7A High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2N3906 2N3905 ON0043 2N3905-D |
General Purpose Transistors PNP Silicon Motorola Preferred Device From old datasheet system General Purpose Transistors(PNP Silicon)
|
ONSEMI[ON Semiconductor]
|
2SB1123 2SD1623 |
PNP Epitaxial Planar Silicon Transistors High-Current Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
2SA1973 2SC5310 2SA1973-5 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset PNP/NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
2SA1824 |
PNP Epitaxial Planar Silicon Transistors 50V/5A Switching Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|
BSV16 BSV17-10 BSV16-10 BSV16-6 BSV17 BSV17-6 Q627 |
PNP SILICON PLANAR TRANSISTORS CHOKE RF CONFORMAL COATED 27UH PNP SILICON PLANAR TRANSISTORS 进步党硅平面型晶体管
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|